Part Number Hot Search : 
PT12226 5053T DA05N MV20002 MAX99 2SK35 3243E B800400
Product Description
Full Text Search
 

To Download 5KP40CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO Inc.
5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
TEST MAXIMUM PEAK REVERSE REVERSE BREAKDOWN BREAKDOWN VOLTAGE CURRENT CLAMPING PULSE LEAKAGE VOLTAGE STANDPART NUMBER OFF VBR(V) MIN. VBR(V) MAX. IT (mA) VOLTAGE CURRENT @ VRWM @Ipp Vc(V) Ipp (A) VOLTAGE @IT @IT IR(A) UNI-POLAR BI-POLAR VRWM(V)
5KP
5KP5.0A 5KP6.0A 5KP6.5A 5KP7.0A 5KP7.5A 5KP8.0A 5KP8.5A 5KP9.0A 5KP10A 5KP11A 5KP12A 5KP13A 5KP14A 5KP15A 5KP16A 5KP17A 5KP18A 5KP20A 5KP22A 5KP24A 5KP26A 5KP28A 5KP30A 5KP33A 5KP36A 5KP40A 5KP43A 5KP45A 5KP48A 5KP51A 5KP54A 5KP58A 5KP60A 5KP64A 5KP70A 5KP75A 5KP78A 5KP85A 5KP90A 5KP100A 5KP110A 5KP120A 5KP130A 5KP150A 5KP160A 5KP170A 5KP180A
5KP5.0CA 5KP6.0CA 5KP6.5CA 5KP7.0CA 5KP7.5CA 5KP8.0CA 5KP8.5CA 5KP9.0CA 5KP10CA 5KP11CA 5KP12CA 5KP13CA 5KP14CA 5KP15CA 5KP16CA 5KP17CA 5KP18CA 5KP20CA 5KP22CA 5KP24CA 5KP26CA 5KP28CA 5KP30CA 5KP33CA 5KP36CA 5KP40CA 5KP43CA 5KP45CA 5KP48CA 5KP51CA 5KP54CA 5KP58CA 5KP60CA 5KP64CA 5KP70CA 5KP75CA 5KP78CA 5KP85CA 5KP90CA 5KP100CA 5KP110CA 5KP120CA 5KP130CA 5KP150CA 5KP160CA 5KP170CA 5KP180CA
5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0
6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.00 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 110.00 122.00 133.00 144.00 167.00 178.00 189.00 200.00
7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 233.00
50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 289.0
544.0 486.0 447.0 417.0 388.0 368.0 348.0 325.0 295.0 275.0 252.0 233.0 216.0 205.0 193.0 181.0 172.0 154.0 141.0 129.0 119.0 110.0 103.0 93.9 86.1 77.6 72.1 68.8 64.7 60.7 57.5 53.5 51.7 48.6 44.3 41.4 39.7 36.5 34.3 30.9 28.3 26.0 24.0 20.6 19.3 18.2 17.3
5000 5000 2000 1000 250 150 50 20 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 5000 watt Peak Pulse Power
FEATURES Plastic package Glass passivated chip junction
5000W Peak Pulse Power capability on 10/1000s waveform
Excellent clamping capability Pepetition rate(duty cycle):0.05% Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to BV Typical IR less than 3mA for Vbr>=10V High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension MECHANICAL DATA Case: Molded plastic over glass passivated junction Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07ounce, 2.1gram DEVICES FOR BIPOLAR APPLICATION For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP180 (e.g. 5KP5.0C , 5KP180CA) Electrical characteristics apply in both directions MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. SYMBOL VALUE UNITS Minimum PPPM Peak Pulse Power Dissipation on 10/1000 s waveform (Note 1,FIG.1) Watts 5000 SEE IPPM Peak Pulse Current of on 10/1000 s waveform (Note 1,FIG.3) Amps TABLE 1 Steady State Power Dissipation at TL = 75 , Lead lengths.375",(9.5mm) (Note 2) PM(AV) 8 Watts Peak Forward Surge Current,8.3ms Single Half Sine-Wave IFSM 400 Amps Superimposed on Rated Load,(JEDEC Method) (Note 3) -55 to + TJ , TSTG Operating junction and Storage Temperature Range 175 Notes : 1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25 per Fig. 2 . 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig. 5. 3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum. RATING
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
5KP SERIES
RATINGS AND CHARACTERISTIC CURVES
Ratings and Characteristic Curves(TA=25
unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
100 100
Fig.2 - Pulse Derating Curve
87.5
PPPM-Peak Pulse Power (kW)
PPPM-Peak Pulse Power (kW)
Non-repetitive pulse waveform shown in Fig.3 TA = 25C
75 62.5 50 37.5 25 12.5 0
10
1
0.1
0.1s
1.0s
10s
100s
1.0ms
10ms
0
25
50
75
100
125
150
175
200
td - Pulse Width (sec.)
TA - Ambient Temperatur(C) Fig. 4 - Typical Junction Capacitance
100000
TJ = 25C f = 1MHZ Vsig = 50mVp-p Measured at Zero Bias
Fig.3 - Pulse Waveform
150
IPPM - Peak Pulse Current,% IRSM
Peak Value IPPM 100 Half Value- IPPM 2
Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
CJ, Junction Capacitance (pF)
tr = 10sec.
TJ = 25C
10000
50
10/1000sec.Waveform as defined by R.E.A.
1000
Measured at Stand-off Vottage, VWM
td
0 0 1.0
100
3.0 t - Time(ms)
2.0
3.0
4.0
4.0
1
5
10 10
100
200
100
t,Time (ms) Fig.6 - Maximum Non-repetitive Forward Surge current
500
Fig. 5 - Steady State Power Derating Curve
8
IFSM,Peak Forward Surge Currnet (A)
60Hz Resistive or Inductive Load
8.3ms Single Half Sine-Wave (JEDEC Method)
450
PPM(AV),Steady State Power Dissipation (W)
6
400
4
0.375" (9.5mm) Lead Lengths
350
300
2 0.8x0.8x0.040"(20x20mm) Copper Heat Sinks 0
250
200
0
25
50
75
100
125
150
175
200
1
10
100
TL - Lead Temperature (C)
Number of Cycles at 60 HZ
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


▲Up To Search▲   

 
Price & Availability of 5KP40CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X